PART |
Description |
Maker |
MAX1792 MAX1792EUA MAX1792EUA15 MAX1792EUA18 MAX17 |
500mA, Low-Dropout Linear Regulator in µMAX FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.225 V DROPOUT, PDSO8 500mA Low-Dropout Linear Regulator in uMAX 500mA Low-Dropout Linear Regulator in MAX 500mA Low-Dropout Linear Regulator in レMAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LT3021 LT3021-1.2 LT3021-1.8 LT3021EDH-1.5 LT3021E |
500mA, Low Voltage, Very Low Dropout Linear Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 500mA, Low Voltage, Very Low Dropout Linear Regulator 0.2 V-9.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO16
|
Linear Technology, Corp. http:// Linear Technology Corporation LINER[Linear Technology]
|
LT1763 LT1763CS8 LT1763CS8-1.5 LT1763CS8-1.8 LT176 |
500mA, Low Noise, LDO Micropower Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO8 500mA, Low Noise, LDO Micropower Regulators 1.8 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO8 500mA/ Low Noise/ LDO Micropower Regulators 500MA, LOW VOLTAGE, VERY LOW DROPOUT LINEAR REGULATOR
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LM2937-XX-TA3-T LM2937-XX-TQ2-R LM2937-XX-TQ2-T LM |
10 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PSSO2 500mA LOW DROPOUT VOLTAGE REGULATOR 12 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PSSO3 500mA LOW DROPOUT VOLTAGE REGULATOR 15 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PSSO3 500mA LOW DROPOUT VOLTAGE REGULATOR 12 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PSSO5 500mA LOW DROPOUT VOLTAGE REGULATOR 3.3 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PSSO5 10 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, SFM3
|
UTC[Unisonic Technologies] Unisonic Technologies Co., Ltd. UNISONIC TECHNOLOGIES CO LTD
|
MC79M05BDT MC79M05BDTRK MC79M05BT MC79M05CDT MC79M |
500mA, 5V, Negative Voltage Regulator 500mA, 12V, Negative Voltage Regulator 500mA, 8V, Negative Voltage Regulator 500mA, 15V, Negative Voltage Regulator
|
ON Semiconductor
|
MSK5330-10 MSK5330-5.0E |
NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 10 V FIXED NEGATIVE LDO REGULATOR, 1.3 V DROPOUT, CBCC3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, CBCC3
|
M.S. Kennedy, Corp.
|
AN79M52F AN79M00 AN79M00F AN79M05 AN79M05F AN79M06 |
3-pin Negative Output Voltage Regulators 500mA Type 7 V FIXED NEGATIVE REGULATOR, PSFM3 3-pin Negative Output Voltage Regulators 500mA Type 8 V FIXED NEGATIVE REGULATOR, PSFM3 MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-55V; Continuous Drain Current, Id:60A; On-Resistance, Rds(on):0.0175ohm; Rds(on) Test Voltage, Vgs:-10V; Package/Case:5-D2-PAK; Leaded Process Compatible:No RoHS Compliant: No
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
MAX1806EUA MAX1806 MAX1806EUA15 MAX1806EUA18 MAX18 |
500mA, Low-Voltage Linear Regulator in µMAX 500mA, Low-Voltage Linear Regulator in µMAX 500mA, Low-Voltage Linear Regulator in UMAX 500mA Low-Voltage Linear Regulator in UMAX From old datasheet system 3A Fixed Low Dropout Linear Regulator (LDO)
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor MAXIM INTEGRATED PRODUCTS INC
|
BD00KA5WF |
Low ESR Capacitor Built in shut down SW, Low Dropout 500mA Regulator IC
|
ROHM[Rohm]
|
BDXXKA5WFP |
Low ESR Capacitor Built in shut down SW, Low Dropout 500mA Regulator IC
|
ROHM[Rohm]
|
LT3021 3021F |
500mA, Low Voltage, Very Low Dropout Linear Regulator From old datasheet system
|
linear
|
APL5501-13BC APL5501-13DC APL5501-14BC APL5501-14D |
Low IQ, Low Dropout 500mA Fixed Voltage Regulator
|
Anpec Electronics Coropration
|